PART |
Description |
Maker |
LC0406FC36C LC0406FC LC0406FC05C LC0406FC08C LC040 |
LOW CAPACITANCE FLIP CHIP ARRAY
|
PROTEC[Protek Devices]
|
ULC0404FC36C ULC0404FC05C ULC0404FC08C ULC0404FC12 |
UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
|
PROTEC[Protek Devices]
|
ULC0408FC36C ULC0408FC05C ULC0408FC08C ULC0408FC12 |
UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
|
PROTEC[Protek Devices]
|
ULL0402FC05C |
LOW CAPACITANCE unbumped flip chip tvs array
|
Protek Devices
|
ULLC0402FC05C |
(ULLC0402FC3.3C - ULLC0402FC24C) UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
|
Protek Devices
|
LC0408FC3.3C07 LC0408FC36C LC0408FC05C LC0408FC08C |
200 W, BIDIRECTIONAL, 8 ELEMENT, SILICON, TVS DIODE, DO-201 FLIP CHIP-8 200 W, BIDIRECTIONAL, 8 ELEMENT, SILICON, TVS DIODE ROHS COMPLIANT, FLIP CHIP-8 LOW CAPACITANCE FLIP CHIP ARRAY
|
PROTEC[Protek Devices]
|
LC0408FC3.3C |
3.3V; 200W; low capacitance flip chip array. For notebook computers, cellular phones, personal digital assistant (PDA), SMART cards
|
Protek Devices
|
LC0406FC05C LC0406FC24C |
5.9V; 200W; low capacitance flip chip array. For notebook computers, cellular phones, personal digital assistant (PDA), SMART cards 24.0V; 200W; low capacitance flip chip array. For notebook computers, cellular phones, personal digital assistant (PDA), SMART cards
|
Protek Devices
|
P0406FC12C P0406FC3.3C P0406FC08C P0406FC05C P0406 |
FLIP CHIP ARRAY 250 W, BIDIRECTIONAL, 6 ELEMENT, SILICON, TVS DIODE ROHS COMPLIANT, 0406, FLIP CHIP-6
|
List of Unclassifed Manufacturers ETC[ETC] PROTEC[Protek Devices]
|
KPA1764 |
Dual chip type Low on-state resistance (VGS = 10 V, ID = 3.5 A) Low input capacitance
|
TY Semiconductor Co., Ltd
|
SA57031-XX SA57031-25 SA57031-26 SA57031-31 SA5703 |
Micropower 150 mA, low-noise, low dropout linear regulator with on/off 微功耗为150 mA,低噪声,低压差线性稳压器的开/ RECTIFIER BRIDGE 25A 800V 300A-ifsm 1.1V-vf 5uA-ir GBPCW 100/TRAY CAP CERAMIC MONO .1UF 50V 10% Ceramic Multilayer Capacitor; Capacitance:22pF; Capacitance Tolerance: /- 5 %; Working Voltage, DC:50V; Dielectric Characteristic:C0G/NP0; Package/Case:0603; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Ceramic Multilayer Capacitor; Capacitor Type:General Purpose; Capacitance:1.2pF; Capacitance Tolerance: 0.5pF; Voltage Rating:50VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:0603; Termination:SMD RoHS Compliant: Yes Ceramic Multilayer Capacitor; Capacitance:1.5pF; Capacitance Tolerance: /- 0.5 pF; Working Voltage, DC:50V; Dielectric Characteristic:C0G/NP0; Package/Case:0603; Series:VJ; Features:Multilayer Ceramic Chip Capacitor Ceramic Multilayer Capacitor; Capacitance:1pF; Capacitance Tolerance: /- 0.5 pF; Working Voltage, DC:50V; Dielectric Characteristic:C0G/NP0; Package/Case:0603; Series:VJ; Features:Multilayer Ceramic Chip Capacitor
|
TE Connectivity, Ltd. NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MS8150-P2613 |
GaAs Schottky Devices Low RS Flip Chip
|
Microsemi Corporation
|